Part Number Hot Search : 
2SK2665 R12KE STS15N4 UNR92A7G ATR08010 N74LS1 1778667 3J1H2
Product Description
Full Text Search
 

To Download L050-1-512X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transformer commander class l050 - 1 - xxxx l050 - 2 - xxxx l050 - 3 - xxxx contents of this drawing are subject to change without prior notice ensign corporation 201 ensign rd., bellevue, ia 52031 dim: inches sheet 1 of 1 proprietary notice: this drawing print or document and subject matter disclosed herein are proprietary items to which ensign ret ains the exclusive right of dissemination, manufacture and sale. this drawing, print or document is submitted in confidence for co nsi deration by the recipient alone unless permission for further disclosure is expressly granted in writing part number 115v 115/230v 230v secondary l050 - 1 - 510x l050 - 2 - 510x l050 - 3 - 510x 10vct @ 5.0a l050 - 1 - 512x l050 - 2 - 512x l050 - 3 - 512x 12.6vct @ 4.0a l050 - 1 - 516x l050 - 2 - 516x l050 - 3 - 516x 16vct @ 3.1a l050 - 1 - 520x l050 - 2 - 520x l050 - 3 - 520x 20vct @ 2.5a l050 - 1 - 524x l050 - 2 - 524x l050 - 3 - 524x 24vct @ 2.1a l050 - 1 - 528x l050 - 2 - 528x l050 - 3 - 528x 28vct @ 1.8a l050 - 1 - 536x l050 - 2 - 536x l050 - 3 - 536x 36vct @ 1.4a l050 - 1 - 548x l050 - 2 - 548x l050 - 3 - 548x 48vct @ 1.0a l050 - 1 - 556x l050 - 2 - 556x l050 - 3 - 556x 56vct @ 900ma l050 - 1 - 620x l050 - 2 - 620x l050 - 3 - 620x 120vct @ 410ma commander class - chassis mount with lead wires power transformer 1. electrical specifications a. maximum power: 50va b. input voltage and frequency: 115v, 115/230v or 230v 50/60hz c. voltage regulation: 10% typ @ full load to no load d. temperature rise: 40 ? c typ e. insulation resistance: < 1 meg ohm f. hi - pot: 2500vrms 1 minute @ pri to sec 2500vrms 1 minute @ pri to core 1500vrms 1 minute @ sec to core 2. marking: ensign corp, part number (see table), date code 3. safety: ul/cul 5085 - 2 recognized (file e47299) ul 1446 recognized insulation system (file e95662) primary schematics secondary schematics single input (specify 115v or 120v single output center - tapped output dual output single input (specify 230v or 240v) single input (277v) tapped input wht=com blk=120 vio=277v dual input (specify 115/230v or 120/240v) standard 6 lead length


▲Up To Search▲   

 
Price & Availability of L050-1-512X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X